Part Number Hot Search : 
CXP84540 471M1 N4099 P6KE36 MM3Z12 B0505 MMSZ5 7A175
Product Description
Full Text Search
 

To Download MC12015 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Order this document by MC12015/D
Dual Modulus Prescaler
The MC12015, MC12016 and MC12017 are dual modulus prescalers which will drive divide by 32 and 33, 40 and 41, and 64 and 65, respectively. An internal regulator is provided to allow these devices to be used over a wide range of power-supply voltages. The devices may be operated by applying a supply voltage of 5.0 Vdc 10% at Pin 7, or by applying an unregulated voltage source from 5.5Vdc to 9.5 Vdc to Pin 8.
MC12015 MC12016 MC12017
MECL PLL COMPONENTS DUAL MODULUS PRESCALER
SEMICONDUCTOR TECHNICAL DATA
* * * * *
225 MHz Toggle Frequency Low-Power 7.5 mA Maximum at 6.8 V Control Input and Output Are Compatible With Standard CMOS Connecting Pins 2 and 3 Allows Driving One TTL Load Supply Voltage 4.5 V to 9.5 V
8 1
P SUFFIX PLASTIC PACKAGE CASE 626
SIMPLIFIED BLOCK DIAGRAM
Control Input TO Vreg
8 1
1 Signal Input Signal GND 0.001F 5 6
/N / N+1
2 Active Pullup 3 Output
D SUFFIX PLASTIC PACKAGE CASE 751 (SO-8)
0.001F Vreg 7 0.1F 4
GND Device Voltage Regulator
ORDERING INFORMATION
Operating Temperature Range Package
VCC 8 0.1F
MC12015D MC12016D MC12017D TA = -40 to +85C Plastic SO-8
1. Vreg at Pin 7 is not guaranteed to be between 4.5 and 5.5V when VCC is being applied to Pin 8 2. Pin 7 is not to be used as a source of regulated output voltage
MC12015P MC12016P MC12017P
(c) Motorola, Inc. 1997
Rev 2
MC12015 MC12016 MC12017
MAXIMUM RATINGS [tblhead]
Rating Regulated Voltage, Pin 7 Power Supply Voltage, Pin 8 Operating Temperature Range Storage Temperature Range
NOTE: ESD data available upon request.
Symbol Vreg VCC TA Tstg
Value 8.0 10 -40 to +85 -65 to +175
Unit Vdc Vdc C C
ELECTRICAL CHARACTERISTICS (VCC = 5.5 to 9.5 V; Vreg = 4.5 to 5.5 V; TA = -40 to 85C, unless otherwise noted.)
Characteristic Toggle Frequency (Sine Wave Input) fmax fmin Supply Current Control Input HIGH (/32, 40 or 64) Control Input LOW (/33, 41 or 65) Output Voltage HIGH (Isource = 50A) [Nofe 1] Output Voltage LOW (Isink = 2mA) [Note 1] ICC VIH VIL VOH VOL 225 - - 2.0 - 2.5 - - - 6.0 - - - - - 35 7.8 - 0.8 - 0.5 mA V V V V Symbol Min Typ Max Unit MHz
Input Voltage Sensitivity 35 MHz 50 to 225 MHz PLL Response Time [Notes 2 and 3]
Vin 400 200 tPLL - - - - 800 800 tout to 70
mVpp
ns
NOTES: 1. Pin 2 connected to Pin 3. 2. tPLL = the period of time the PLL has from the prescaler rising output tranistion (50%) to the modulus control input edge transition
(50%) to ensure proper modulus selection.
3. tout = period of output waveform.
2
MOTOROLA RF/IF DEVICE DATA
MC12015 MC12016 MC12017
OUTLINE DIMENSIONS
P SUFFIX PLASTIC PACKAGE CASE 626-05 ISSUE K -B1 4
8
5
NOTES: 1. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 2. PACKAGE CONTOUR OPTIONAL (ROUND OR SQUARE CORNERS). 3. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. DIM A B C D F G H J K L M N MILLIMETERS MIN MAX 9.40 10.16 6.60 6.10 4.45 3.94 0.51 0.38 1.78 1.02 2.54 BSC 1.27 0.76 0.30 0.20 3.43 2.92 7.62 BSC -- 10 0.76 1.01 INCHES MIN MAX 0.370 0.400 0.240 0.260 0.155 0.175 0.015 0.020 0.040 0.070 0.100 BSC 0.030 0.050 0.008 0.012 0.115 0.135 0.300 BSC -- 10 0.030 0.040
F
NOTE 2
-AL
C -TSEATING PLANE
J N D H G 0.13 (0.005)
M
K T A
M
M
B
M
D SUFFIX PLASTIC PACKAGE CASE 751-06 (SO-8) ISSUE T A
8
D
5
C
E
1 4
H
0.25
M
B
M
h B C e A
SEATING PLANE
X 45 _
NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. DIMENSIONS ARE IN MILLIMETER. 3. DIMENSION D AND E DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE. 5. DIMENSION B DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS OF THE B DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A A1 B C D E e H h L MILLIMETERS MIN MAX 1.35 1.75 0.10 0.25 0.35 0.49 0.19 0.25 4.80 5.00 3.80 4.00 1.27 BSC 5.80 6.20 0.25 0.50 0.40 1.25 0_ 7_
q
L 0.10 A1 B 0.25
M
CB
S
A
S
q
MOTOROLA RF/IF DEVICE DATA
3
MC12015 MC12016 MC12017
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 1-303-675-2140 or 1-800-441-2447 Customer Focus Center: 1-800-521-6274 MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 1-602-244-6609 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, Motorola Fax Back System - US & Canada ONLY 1-800-774-1848 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298 - http://sps.motorola.com/mfax/ HOME PAGE: http://motorola.com/sps/ JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 141, 4-32-1 Nishi-Gotanda, Shagawa-ku, Tokyo, Japan. 03-5487-8488
4
MC12015/D MOTOROLA RF/IF DEVICE DATA


▲Up To Search▲   

 
Price & Availability of MC12015

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X